PART |
Description |
Maker |
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
D2425F-10 H12D4840D D2440D |
IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc. CRYDOM CORP
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|
AQV255 AQV258AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|
TSS1J47S TSS1G45S TSS1G47S TSS1J45S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor]
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
SSRF-240D25 SSRF-240D25R SSRF-480D25 SSRF-480D25R |
25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink Solid State Relays
|
Tyco Electronics
|
PS12-1W PS12-1Y |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX PLASTIC PACKAGE-4 PS12 Series High Performance Solid State Relays
|
Mini-Circuits Tyco Electronics
|
SG-34FA240A40PSL SG-34FA240A40ZSL SG-34FA240A50PSL |
隆掳HOCKEY PUCK隆卤 SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS “HOCKEY PUCK SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS
|
American Zettler, Inc.
|
SGX-1505FB110A240A10PL SGX-1505FB110A240A10ZL SGX- |
“HOCKEY PUCK?/a> SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS “HOCKEY PUCK SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS 隆掳HOCKEY PUCK隆卤 SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS
|
American Zettler, Inc.
|